Part Number Hot Search : 
SFH4235 ZL5040 CSL05 P800A PL9114 SA2002E 5253B ADP2301
Product Description
Full Text Search
 

To Download FTM-6112C-SL10043G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 June 13, 2007
1.25Gbps CWDM Spring-latch SFP Transceiver
( For 22dB/30dB minimum link budget with monitoring function )
Members of FlexonTM Family
1040.11, Class I Compatible with ITU-T G.694.2 Compatible with ITU-T G.695 RoHS compliant
Description
FTM-6112C-SLxxxxxG is designed for Coarse Wavelength Division Multiplexing (CWDM) applications at data rates of 1.25Gbps. There are ten centre wavelengths available at present:
Features
Up to 1.25Gbps bi-directional data links Uncooled DFB laser transmitter Ten CWDM wavelengths available Multi-source package with LC optical interface With Spring latch for high density application Color coded lever for different wavelengths Class 1 laser product 22dB/30dB minimum link budget Single +3.3V power supply Hot-pluggable capability Monitoring interface compatible with SFF-8472 Operating temperature 0C to +70C
1431nm, 1451nm, 1471nm, 1491nm,. 1511nm, 1531nm, 1551nm, 1571nm, 1591nm and 1611nm, compatible 30dB. The transmitter section of FTM-6112C-SLxxxxxG incorporates a highly reliable uncooled DFB laser and the receiver section utilizes a PIN/APD receiver. All modules satisfy Class 1 Laser Safety requirements. FTM-6112C-SLxxxxxG provides an enhanced with ITU-T G694.2. It offers a guaranteed minimum optical link budget of 22dB or
monitoring interface, which allows real-time access to device operating parameters such as transceiver temperature, laser bias current, transmitted optical power, received optical power and transceiver supply voltage. It also defines a sophisticated system of alarm and warning flags, which alerts end-users when particular operating parameters are outside of a factory set normal range. FTM-6112C-SLxxxxxG is compliant with RoHS.
Applications
Optical communication in Metro/Access Networks: Switch to switch interface Switched backplane applications Router/Server interface Other optical transmission systems
Standard
Compatible with SFP MSA Compatible with SFF-8472 Rev 9.5 Compatible with FCC 47 CFR Part 15, Class B Compatible with FDA 21 CFR 1040.10 and
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 1 of 12
1.25Gbps Spring-latch SFP Transceiver 22dB/30dB Min. link budget, RoHS compliant June 13, 2007
Regulatory Compliance
The transceivers have been tested according to American and European product safety and electromagnetic compatibility regulations (See Table 1). For further information regarding regulatory certification, please refer to Fiberxon regulatory specification and safety guidelines, or contact with Fiberxon, Inc. America sales office listed at the end of documentation. Table 1 - Regulatory Compliance Feature Electrostatic Discharge (ESD) to the Electrical Pins Electrostatic Discharge (ESD) to the Duplex LC Receptacle Electromagnetic Interference (EMI) Immunity Laser Eye Safety Component Recognition RoHS Note: In light of item 5 in Annex of 2002/95/EC, "Pb in the glass of cathode ray tubes, electronic components and fluorescent tubes." and item 13 in Annex of 2005/747/EC , " Lead and cadmium in optical and filter glass." ,the two exemptions are being concerned for Fiberxon's transceivers, because Fiberxon's transceivers use glass, which may contain Pb, for components such as lenses, windows, isolators, and other electronic components. Standard MIL-STD-883E Method 3015.7 IEC 61000-4-2 GR-1089-CORE FCC Part 15 Class B EN55022 Class B (CISPR 22B) VCCI Class B IEC 61000-4-3 FDA 21CFR 1040.10 and 1040.11 EN60950, EN (IEC) 60825-1,2 UL and CSA 2002/95/EC 4.1&4.2 2005/747/EC Compatible with standards Compatible with Class 1 laser product. Compatible with standards Compliant with standards note Compatible with standards Performance Class 2(>2000 V) Compatible with standards
Absolute Maximum Ratings
Stress in excess of the maximum absolute ratings can cause permanent damage to the module. Table 2 - Absolute Maximum Ratings Parameter Storage Temperature Supply Voltage Operating Relative Humidity Input Optical Power FTM-6112C-SL80xxG FTM-6112C-SL100xxG Symbol TS VCC Pmax Min. -40 -0.5 5 Max. +85 3.6 95 +3 -3 Unit C V %
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 2 of 12
1.25Gbps Spring-latch SFP Transceiver 22dB/30dB Min. link budget, RoHS compliant June 13, 2007
Recommended Operating Conditions
Table 3- Recommended Operating Conditions Parameter Operating Case Temperature Power Supply Voltage Power Supply Current Data Rate Symbol TC VCC ICC 1.25 Min. 0 3.13 Typical Max. +70 3.47 300 Unit C V mA Gbps
Optical and Electrical Characteristics
All parameters are specified at overall operating case temperature and power supply range, unless otherwise stated.
FTM-6112C-SL80xxG (DFB and PIN, 22dB Min. link budget, Monitoring function)
Table 4 - Optical and Electrical Characteristics Parameter Centre Wavelength Spectral Width (-20dB) Average Output Power Side Mode Suppression Ratio Extinction Ration Optical Rise/Fall Time P0ut@TX Disable Asserted Optical Path Penalty Total Jitter (pk-pk) Output Optical Eye Differential Data Input Swing Input Differential Impedance TX Disable TX Fault Disable Enable Fault Normal t_off Receiver Centre Wavelength Receiver Sensitivity Receiver Overload Return Loss LOS De-Assert LOSD
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Symbol C P0ut SMSR EX tr/tf
Min. Transmitter x-6.5 0 30 9
Typical x
Max. x+6.5 1 5
Unit nm nm dBm dB dB
Notes 1 2
0.26 -45 1.5
ns dBm dB UI mV V V V V s nm dBm dBm dB
3 10 4 5 6 7
TJ VIN ZIN 500 85 2.0 0 2.0 0 100
0.431 IEEE 802.3 Gigabit Ethernet Compliant 2400 115 Vcc 0.8 Vcc+0.3 0.8 10 1270 0 12 -23
Page 3 of 12
TX Disable Assert Time
C
1620 -22
8 9
dBm
1.25Gbps Spring-latch SFP Transceiver 22dB/30dB Min. link budget, RoHS compliant LOS Assert LOS Hysteresis Differential Data Output Swing LOS LOS Assert Time LOS De-Assert Time Notes: 1. "x" can be specified by the customer. The current available wavelength are: 1431, 1451, 1471, 1491, 1511, 1531, 1551, 1571, 1591, 1611nm. 2. The optical power is launched into 9/125 SMF. 3. 20%-80%, unfiltered, measured with a PRBS 27-1 test pattern @1.25Gbps 4. Measured with a PRBS 27-1 test pattern @1.25Gbps, and TJ-free data input signal, the TJ should be the sum of input total jitter in actual application. 5. Measured with a PRBS 27-1 test pattern @1.25Gbps 6. CML logic, internally AC coupled. 7. If Pin 3 (TX Disable) is left open, TX is disabled. 8. The 1611nm signal can also be received while the sensitivity is degraded. 9. Worst-case condition, measured with a PRBS 27-1 test pattern @1.25Gbps, BER better than or equal to 1 x10-12. 10. It is for 80km transmission over G.652 SMF, measured with a PRBS 27-1 test pattern @1.25Gbps, BER better than or equal to 1x10-12. 11. CML logic, internally AC coupled. High Low VOUT LOSA -35 0.5 400 2.0 0 4.5 1200 Vcc+0.3 0.8 100 100 dBm dB mV V V s s 11 June 13, 2007
FTM-6112C-SL100xxG (DFB and APD, 30dB Min. link budget, Monitoring function)
Table 5 - Optical and Electrical Characteristics Parameter Centre Wavelength Spectral Width (-20dB) Average Output Power Side Mode Suppression Ratio Extinction Ration Optical Rise/Fall Time P0ut@TX Disable Asserted Optical Path Penalty Total Jitter (pk-pk) Output Optical Eye Differential Data Input Swing Input Differential Impedance TX Disable Disable Enable VIN ZIN TJ 500 85 2.0 0 100 Symbol C P0ut SMSR EX tr/tf 0 30 9 0.26 -45 2 0.431 IEEE 802.3 Gigabit Ethernet Compliant 2400 115 Vcc 0.8
Page 4 of 12
Min. Transmitter x-6.5
Typical x
Max. x+6.5 1 5
Unit nm nm dBm dB dB ns dBm dB UI mV V V
Notes 1 2
3 10 4 5 6 7
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
1.25Gbps Spring-latch SFP Transceiver 22dB/30dB Min. link budget, RoHS compliant Fault Normal t_off Receiver Centre Wavelength Receiver Sensitivity Receiver Overload LOS De-Assert LOS Assert LOS Hysteresis Differential Data Output Swing LOS LOS Assert Time LOS De-Assert Time Notes: 1. "x" can be specified by the customer. The current available wavelength are: 1431nm, 1451nm, 1471nm, 1491nm, 1511nm, 1531nm, 1551nm, 1571nm, 1591nm, 1611nm. 2. The optical power is launched into 9/125 SMF. 3. 20%-80%, unfiltered, measured with a PRBS 27-1 test pattern @1.25Gbps. 4. Measured with a PRBS 27-1 test pattern @1.25Gbps, and TJ-free data input signal, the TJ should be the sum of input total jitter in actual application. 5. Measured with a PRBS 27-1 test pattern @1.25Gbps. 6. CML logic, internally AC coupled. 7. If Pin 3 (TX Disable) is left open, TX is disabled. 8. The 1611nm signal can also be received while the sensitivity is degraded. 9. Worst-case condition, measured with a PRBS 27-1 test pattern @1.25Gbps, BER better than or equal to 1 x10-12. 10. It is for 100km transmission over G.652 SMF, measured with a PRBS 27-1 test pattern @1.25Gbps, BER better than or equal to 1x10-12. 11. CML logic, internally AC coupled. High Low VOUT LOSD LOSA -45 0.5 400 2.0 0 4.5 1200 Vcc+0.3 0.8 100 100 -9 -31 C 1270 1620 -30 nm dBm dBm dBm dBm dB mV V V s s 11 8 9 2.0 0 Vcc+0.3 0.8 10 V V s June 13, 2007
TX Fault
TX Disable Assert Time
EEPROM Information
The SFP MSA defines a 256-byte memory map in EEPROM describing the transceiver's capabilities, standard interfaces, manufacturer, and other information, which is accessible over a 2 wire serial interface at the 8-bit address 1010000X (A0h). The memory contents refer to Table 6. Table 6 - EEPROM Serial ID Memory Contents (A0h) Addr. 0 1 Field Size (Bytes) 1 1 Name of Field Identifier Ext. Identifier 03 04 Hex Description SFP MOD4
Page 5 of 12
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
1.25Gbps Spring-latch SFP Transceiver 22dB/30dB Min. link budget, RoHS compliant 2 3--10 11 12 13 14 15 16 17 18 19 20--35 36 37--39 40--55 56--59 60--61 62 63 64--65 66 67 68--83 84--91 92 93 94 95 96--255 1 8 1 1 1 1 1 1 1 1 1 16 1 3 16 4 2 1 1 2 1 1 16 8 1 1 1 1 160 Connector Transceiver Encoding BR, nominal Reserved 07 00 00 00 02 00 00 00 00 03 0C 00 80km/100km(50/64) 80km/100km(FF/FF) LC 1000BASE-LX NRZ 1.25Gbps June 13, 2007
Length (9um)-km xx Length (9um) xx Length (50um) 00 Length (62.5um) 00 Length (copper) 00 Reserved Vendor name Reserved Vendor OUI Vendor PN Vendor rev Wavelength Reserved CC BASE Options BR, max BR, min Vendor SN xx 00 1A 00 00 xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx xx 00 46 49 42 45 52 58 4F 4E 20 49 4E 43 2E 20 20 20 00 00 00 00 36 31 31 32 43 2D 53 4C xx xx xx xx xx 47 20 20 xx xx 20 20 xx xx
"FIBERXON INC. "(ASC)
"6112C-SLxxxxxxG
" (ASC)
ASC( "31 30 20 20" means 1.0 revision) From 1431nm~1611nm Check sum of bytes 0 - 62 LOS, TX_FAULT and TX_DISABLE
ASC, used for Fiberxon SFPs Year (2 bytes, Month (2 bytes), Day (2 bytes) Diagnostics Diagnostics (Optional Alarm/warning flags, Soft TX_FAULT , Soft TX_LOS monitoring) Diagnostics (SFF-8472 Rev 9.4) Check sum of bytes 64 - 94
Vendor date codexx xx xx xx xx xx 20 20 Diagnostic type xx Enhanced option SFF-8472 CC EXT Vendor specific B0 02 xx
Note: The "xx" byte should be filled in according to practical case. For more information, please refer to the related document of SFP Multi-Source Agreement (MSA).
Monitoring Specification
The digital diagnostic monitoring interface also defines another 256-byte memory map in EEPROM, which makes use of the 8 bit address 1010001X (A2h). Please see Figure 1. For detail EEPROM information, please refer to the related document of SFF-8472 Rev 9.5. The monitoring specification of this product is described in Table 7.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 6 of 12
1.25Gbps Spring-latch SFP Transceiver 22dB/30dB Min. link budget, RoHS compliant June 13, 2007
Figure 1, EEPROM Memory Map Specific Data Field Descriptions Table 7- Monitoring Specification Parameter Temperature Voltage Bias Current TX Power Rx Power FTM-6112C-SL80xxG FTM-6112C-SL100xxG FTM-6112C-SL80xxG FTM-6112C-SL100xxG FTM-6112C-SL80xxG FTM-6112C-SL100xxG FTM-6112C-SL80xxG FTM-6112C-SL100xxG FTM-6112C-SL80xxG FTM-6112C-SL100xxG Range -10 to 80C 3.0 to 3.6V 0 to 100mA -1 to 6dBm -24 to 1dBm -32 to -8dBm Accuracy 3C 3% 10% 3dB 3dB Calibration Internal External Internal External Internal External Internal External Internal External
Recommended Host Board Power Supply Circuit
Figure 2 shows the recommended host board power supply circuit.
Figure 2, Recommended Host Board Power Supply Circuit
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 7 of 12
1.25Gbps Spring-latch SFP Transceiver 22dB/30dB Min. link budget, RoHS compliant June 13, 2007
Recommended Interface Circuit
Figure 3 shows the recommended interface circuit.
Host Board
Vcc (+3.3V)
2x4.7K to 10K
TX Disable TX Fault SerDat Out +
SFP Module
VccT
10K
Z=50
TD +
SerDat Out -
Z=50
TD -
Laser driver
Protocol IC
SERDES IC
SerDat In +
Z=50
RD +
SerDat In -
Z=50
Amplifier
RD -
LOS
Vcc (+3.3V)
3x4.7K to 10K
MOD-DEF2 MOD-DEF1 MOD-DEF0
EEPROM
RGND
Figure 3, Recommended Interface Circuit
Pin Definitions
Figure 4 below shows the pin numbering of SFP electrical interface. The pin functions are described in Table 8 with some accompanying notes.
P in 2 0 T O P V IE W OF BOARD P in 1 1
P in 1 0 B O T T O M V IE W OF BOARD P in 1
Figure 4, Pin View
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 8 of 12
1.25Gbps Spring-latch SFP Transceiver 22dB/30dB Min. link budget, RoHS compliant Table 8- Pin Function Definitions Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Notes: 1. TX Fault is an open collector output, which should be pulled up with a 4.7k~10k resistor on the host board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates a laser fault of some kind. In the low state, the output will be pulled to less than 0.8V. 2. TX Disable is an input that is used to shut down the transmitter optical output. It is pulled up within the module with a 4.7k~10k resistor. Its states are: Low (0~0.8V): (>0.8V, <2.0V): High (2.0~3.465V): Open: Transmitter on Undefined Transmitter Disabled Transmitter Disabled Name VeeT TX Fault TX Disable MOD-DEF2 MOD-DEF1 MOD-DEF0 Rate Select LOS VeeR VeeR VeeR RDRD+ VeeR VccR VccT VeeT TD+ TDVeeT Function Transmitter Ground Transmitter Fault Indication Transmitter Disable Module Definition 2 Module Definition 1 Module Definition 0 Not Connected Loss of Signal Receiver Ground Receiver Ground Receiver Ground Inv. Received Data Out Received Data Out Receiver Ground Receiver Power Transmitter Power Transmitter Ground Transmit Data In Inv. Transmit Data In Transmitter Ground Plug Seq. 1 3 3 3 3 3 3 3 1 1 1 3 3 1 2 2 1 3 3 1 Note 6 Note 6 Note 5 Note 5 Note 4 Note 1 Note 2 Note 3 Note 3 Note 3 Notes June 13, 2007
3. MOD-DEF 0,1,2 are the module definition pins. They should be pulled up with a 4.7k~10k resistor on the host board. The pull-up voltage shall be VccT or VccR. MOD-DEF 0 is grounded by the module to indicate that the module is present MOD-DEF 1 is the clock line of two wires serial interface for serial ID MOD-DEF 2 is the data line of two wires serial interface for serial ID 4. LOS is an open collector output, which should be pulled up with a 4.7k~10k resistor on the host board to a voltage between 2.0V and Vcc+0.3V. Logic 0 indicates normal operation; logic 1 indicates loss of signal. In the low state, the output will be pulled to less than 0.8V. 5. These are the differential receiver output. They are internally AC-coupled 100 differential lines which should be terminated with 100 (differential) at the user SERDES.
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute Page 9 of 12
1.25Gbps Spring-latch SFP Transceiver 22dB/30dB Min. link budget, RoHS compliant June 13, 2007
6. These are the differential transmitter inputs. They are AC-coupled, differential lines with 100 differential termination inside the module.
Mechanical Design Diagram
The mechanical design diagram is shown in Figure 5.
Figure 5, Mechanical Design Diagram of the SFP with Spring Latch
Ordering information
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 10 of 12
1.25Gbps Spring-latch SFP Transceiver 22dB/30dB Min. link budget, RoHS compliant Part No. FTM-6112C-SL10043G FTM-6112C-SL10045G FTM-6112C-SL10047G FTM-6112C-SL10049G FTM-6112C-SL10051G FTM-6112C-SL10053G FTM-6112C-SL10055G FTM-6112C-SL10057G FTM-6112C-SL10059G FTM-6112C-SL10061G FTM-6112C-SL8043G FTM-6112C-SL8045G FTM-6112C-SL8047G FTM-6112C-SL8049G FTM-6112C-SL8051G FTM-6112C-SL8053G FTM-6112C-SL8055G FTM-6112C-SL8057G FTM-6112C-SL8059G FTM-6112C-SL8061G Product Description 1431nm (Black Lever) 1.25Gbps SFP with Spring latch, 30dB minimum link budget, with monitoring function, RoHS compliant 1451nm (Black Lever) 1.25Gbps SFP with Spring latch, 30dB minimum link budget, with monitoring function, RoHS compliant 1471nm (Gray Lever) 1.25Gbps SFP with Spring latch, 30dB minimum link budget, with monitoring function, RoHS compliant 1491nm (Violet Lever) 1.25Gbps SFP with Spring latch, 30dB minimum link budget, with monitoring function, RoHS compliant 1511nm (Blue Lever) 1.25Gbps SFP with Spring latch, 30dB minimum link budget, with monitoring function, RoHS compliant 1531nm (Green Lever) 1.25Gbps SFP with Spring latch, 30dB minimum link budget, with monitoring function, RoHS compliant 1551nm (Yellow Lever) 1.25Gbps SFP with Spring latch, 30dB minimum link budget, with monitoring function, RoHS compliant 1571nm (Orange Lever) 1.25Gbps SFP with Spring latch, 30dB minimum link budget, with monitoring function, RoHS compliant 1591nm (Red Lever) 1.25Gbps SFP with Spring latch, 30dB minimum link budget, with monitoring function, RoHS compliant 1611nm (Brown Lever) 1.25Gbps SFP with Spring latch, 30dB minimum link budget, with monitoring function, RoHS compliant 1431nm (Black Lever) 1.25Gbps SFP with Spring latch, 22dB minimum link budget, with monitoring function, RoHS compliant 1451nm (Black Lever) 1.25Gbps SFP with Spring latch, 22dB minimum link budget, with monitoring function, RoHS compliant 1471nm (Gray Lever) 1.25Gbps SFP with Spring latch, 22dB minimum link budget, with monitoring function, RoHS compliant 1491nm (Violet Lever) 1.25Gbps SFP with Spring latch, 22dB minimum link budget, with monitoring function, RoHS compliant 1511nm (Blue Lever) 1.25Gbps SFP with Spring latch, 22dB minimum link budget, with monitoring function, RoHS compliant 1531nm (Green Lever) 1.25Gbps SFP with Spring latch, 22dB minimum link budget, with monitoring function, RoHS compliant 1551nm (Yellow Lever) 1.25Gbps SFP with Spring latch, 22dB minimum link budget, with monitoring function, RoHS compliant 1571nm (Orange Lever) 1.25Gbps SFP with Spring latch, 22dB minimum link budget, with monitoring function, RoHS compliant 1591nm (Red Lever) 1.25Gbps SFP with Spring latch, 22dB minimum link budget, with monitoring function, RoHS compliant 1611nm (Brown Lever) 1.25Gbps SFP with Spring latch, 22dB minimum link budget, with monitoring function, RoHS compliant June 13, 2007
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 11 of 12
1.25Gbps Spring-latch SFP Transceiver 22dB/30dB Min. link budget, RoHS compliant June 13, 2007
Related Documents
For further information, please refer to the following documents: Fiberxon Spring-latch SFP Installation Guide Fiberxon SFP Application Notes SFP Multi-Source Agreement (MSA)
Obtaining Document
You can visit our website: http://www.fiberxon.com Or contact with Fiberxon, Inc. America Sales Office listed at the end of documentation to get the latest documents.
Revision History
Revision Rev. 1a Rev. 1b Initiate Univer.Yang Univer.Yang Review Bell.Huang Bell.Huang Approve Walker.Wei Walker.Wei Initial datasheet Formal edition Subject Release Date April 17, 2007 June 13, 2007 (c) Copyright Fiberxon Inc. 2007 All Rights Reserved. All information contained in this document is subject to change without notice. The products described in this document are NOT intended for use in implantation or other life support applications where malfunction may result in injury or death to persons. The information contained in this document does not affect or change Fiberxon product specifications or warranties. Nothing in this document shall operate as an express or implied license or indemnity under the intellectual property rights of Fiberxon or third parties. All information contained in this document was obtained in specific environments, and is presented as an illustration. The results obtained in other operating environment may vary. THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROVIDED ON AN "AS IS" BASIS. In no event will Fiberxon be liable for damages arising directly from any use of the information contained in this document. Contact U.S.A. Headquarter: 5201 Great America Parkway, Suite 340 Santa Clara, CA 95054 U. S. A. Tel: 408-562-6288 Fax: 408-562-6289 Or visit our website: http://www.fiberxon.com
Fiberxon Proprietary and Confidential, Do Not Copy or Distribute
Page 12 of 12


▲Up To Search▲   

 
Price & Availability of FTM-6112C-SL10043G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X